Part Number Hot Search : 
24XDNS EMK23 MBR16 M74AL P727A 00700 L9801A M74AL
Product Description
Full Text Search
 

To Download SF81K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
FEATURES
* * * * * * * * * * * *
SF81K THRU SF87K
.051 (1.3)
.035 (0.9)
Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit Case: D-PAK molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.33 gram
PIN1
D-PAK
.264 (6.7) .248 (6.3) .217 (5.5) .201 (5.1) .098 (2.5) .083 (2.1) .024 (0.6) .016 (0.4)
MECHANICAL DATA
PIN3
.244 (6.2)
.228 (5.8)
.398 (10.11)
.382 (9.71)
PIN2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYP .091 (2.30) .183 (4.65) .179 (4.55)
.031 (0.8) .016 (0.4)
PIN 1 PIN 2 PIN 3
TYP 1.00 TYP .020 (0.50)
HEATSINK
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T C = 100 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range
O
SYMBOL VRRM VRMS VDC IO I FSM R q JC R q JA CJ T J, T STG
SF81K 50 35 50
SF82K 100 70 100
SF83K 150 105 150
SF84K 200 140 200 8.0 125 3 20 150 -55 to + 150
SF85K 300 210 300
SF86K 400 280 400
SF87K 600 420 600
UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (@TA=25 C unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VF IR trr 35 SF81K SF82K 1.0 10 100 50 SF83K SF84K SF85K 1.35 SF86K SF87K 1.70 UNITS Volts uAmps nSec 2007-3
Maximum Reverse Recovery Time (Note 3)
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Test conditions: IF= 0.5A, IR= -0.1A, IRR=-0.25A. 4. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 5. Suffix "R" for Reverse Polarity. 6. Suffix "S" for D2-PAK Pkg.
RATING AND CHARACTERISTICS CURVES ( SF81K THRU SF87K )
INSTANTANEOUS FORWARD CURRENT, (A)
10 AVERAGE FORWARD CURRENT, (A) 8 6 4 2 0
Single Phase Half Wave 60 Hz Inductive or Resistive Load
40 20
86 SF K~ 85
F84 ~S
1.0 0.4
SF
81K
SF
SF
4
K
87
K
K
10
T A = 25 OC Pulse Width = 300mS 1% Duty Cycle
0
50
100
O
150
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
CASE TEMPERATURE, ( C)
INSTANTANEOUS FORWARD VOLTAGE, (V)
INSTANTANEOUS REVERSE CURRENT, (uA)
1000
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
CT, JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 0
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
TA = 100 OC
10
TA = 25 OC
1.0
0.1
T J = 25 OC
0
20
40
60
80
100
120
140
0.1 0.2
0.4
1.0
2
4
10
20
40
100
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
REVERSE VOLTAGE, (V)
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG.4 TYPICAL JUNCTION CAPACITANCE
150 125 100 75 50 25 0 1 2 5
8.3mS Single Half Sine-Wave JEDEC Method
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of SF81K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X